Part Number Hot Search : 
3FJ25 G936T81B 1041DV33 2SD1572 AA8361 0ETTTS 370903 MTM40N20
Product Description
Full Text Search
 

To Download MSA-0505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSA-0505
Cascadable Silicon Bipolar MMIC Amplifier
Data Sheet
Description
Features
The MSA-0505 is a high performance medium power * Cascadable50GainBlock silicon bipolar Monolithic Microwave Integrated Circuit * HighOutputPower: (MMIC) housed in a low cost, surface mount package. 18.0dBmTypicalP1dBat1.0GHz ThisMMICisdesignedforuseasageneralpurpose50 gainblock.Typicalapplicationsincludenarrowandbroad * LowDistortion: 29.0dBmTypicalIP3at1.0GHz bandIFandRFamplifiersincommercialsystems. * 7.0dBTypicalGainat1.0GHz The MSA-series is fabricated using Avago's 10 GHz fT, 25GHz fMAX, silicon bipolar MMIC process which * SurfaceMountPlasticPackage uses nitride self-alignment, ion implantation, and * Tape-and-ReelPackagingOptionAvailable gold metallization to achieve excellent performance, u niformity and reliability. The use of an external bias * Lead-freeOptionAvailable resistorfortemperatureandcurrentstabilityalsoallows biasflexibility.
05 Plastic Package
Typical Biasing Configuration
R bias VCC > 12 V
RFC (Optional) C block IN 1 4 3
MSA
C block OUT Vd = 8.4 V
2
MSA-0505 Absolute Maximum Ratings
Parameter Device Current Power Dissipation[,3] RF Input Power Junction Temperature Storage Temperature Absolute Maximum[1] 135 mA 1.5 W +5 dBm 00C -65 to 150C
Thermal Resistance[2]: jc = 85C/W
Notes: 1. Permanent damage may occur if any of theselimitsareexceeded. 2. TCASE=25C. 3. Derateat11.8mW/CforTC>73C.
Electrical Specifications[1], TA = 25C
Symbol
P1 dB
Parameters and Test Conditions: Id = 80 mA, ZO = 50 Output Power at 1 dB Gain Compression Power Gain (|S1| ) Gain Flatness 3 dB Bandwidth[] Input VSWR Output VSWR Third Order Intercept Point 50 Noise Figure Group Delay Device Voltage Device Voltage Temperature Coefficient f = 0.5 GHz f = 1.0 GHz f = 0.5 GHz f = 1.0 GHz f = 0.1 to 1.5 GHz f = 0.1 to 1.5 GHz f = 0.1 to 1.5 GHz f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz
Units dBm dBm dB dB GHz
Min. 16.0 6.0
Typ. 19.0 18.0 7.5 7.0 0.75 .3 1.6:1 .0:1 9.0 6.5 190 8.4 -16.0
Max.
GP GP f3 dB
VSWR
IP3 NF tD Vd dV/dT
dBm dB psec V mV/C
6.7
10.1
Notes: 1. Therecommendedoperatingcurrentrangeforthisdeviceis60to100mA. Typicalperformanceasafunctionofcurrentisonthefollowingpage. 2. Referencedfrom0.1GHzGain(GP).
Ordering Information
Part Numbers MSA-0505-STR MSA-0505-STRG MSA-0505-TR1 MSA-0505-TR1G No. of Devices 10 100 500 500 Comments Bulk Bulk 7" Reel 7" Reel
Note:Orderpartnumberwitha"G"suffixiflead-freeoptionisdesired.
MSA-0505 Typical Scattering Parameters (TA = 25C, Id = 80 mA)
Freq. MHz S11 Mag Ang dB S21 Mag Ang dB S1 Mag S22 Ang Mag Ang k
5 5 50 100 00 400 600 800 1000 1500 000 500 3000
.56 .4 .15 .13 .1 .1 .13 .13 .14 .1 .30 .40 .5
-39 -103 -130 -155 -170 178 17 168 166 159 148 136 11
14.9 9.7 8. 7.8 7.7 7.5 7.4 7. 7.0 6.4 5. 4.1 .7
5.56 3.05 .57 .45 3.43 .37 .34 .9 .4 .09 1.8 1.60 1.36
161 156 163 165 161 148 134 119 105 7 4 17 -7
-18.5 -13.9 -13.7 -13.7 -13.5 -13.6 -13.6 -13.6 -13.4 -13.3 -13.1 -1.9 -1.6
.10 .0 .07 .07 .11 .09 .09 .09 .13 .17 . .7 .34
39 1 7 3 1 -1 - -3 -4 -6 -9 -11 -16
.65 .5 .15 .11 .11 .14 .17 .1 .5 .34 .4 .48 .55
-36 -90 -116 -13 -145 -146 -151 -157 -164 176 159 146 133
0.60 0.97 1.15 1.1 1.1 1.3 1.3 1.3 1.1 1.16 1.1 1.05 0.9
Typical Performance, TA = 25C
(unless otherwise noted)
10 120 TC = +85C TC = +25C TC = -25C P1 dB (dBm) 22
8 GAIN (dB)
0.1 GHz
90
20 0.5 GHz
Id (mA)
6
18
0.5 GHz
60
4
1.5 GHz 2.0 GHz
1.0 GHz
16
1.0 GHz
2
30 14 2.0 GHz 0 +25 +85
0
8
10
12
14
16
18
20
22
24
0
0
3
6 Vd (V)
9
12
12 -25
POWER OUT (dBm)
TEMPERATURE (C)
Figure 1. Typical Gain vs. Power Out, TA = 25C, Id = 80 mA.
14
Figure 2. Device Current vs. Voltage.
Figure 3. Output Power at 1 dB Gain Compression, vs. Case Temperature, Id = 80 mA.
34
IP3 (dBm)
12 10 Gp (dB) 8 6 4 2 0 .01 .05 0.1 0.5 1.0 5.0 FREQUENCY (GHz)
30 IP3 26
22 P1 dB (dBm)
18
P1 dB
14 60
70
80 Id (mA)
90
100
Figure 4. Gain vs. Frequency, Id = 80 to 100 mA.
Figure 5. Output Power at 1 dB Gain Compression, Third Order Intercept vs. Case Temperature, f = 1.0 GHz.
3
05 Plastic Package Dimensions
GROUND 4
0.030 0.89
RF INPUT 5 1
0.030 DIA 0.76
RF OUTPUT AND DC BIAS 3
0.030 0.010 0.76 0.25
(4 PLCS) GROUND 2
0.135 0.015 3.42 0.25
(4 PLCS)
0.030 0.76 0.050 1.27
0.020 0.51 0.008 0.002 0.20 0.05
0.145 3.68
0.100 0.010 2.54 0.25
Notes: (unless otherwise specified) 1. Dimensions are in 2. Tolerances in .xxx = 0.005 mm .xx = 0.13
mm
0.0005 0.010 (0.013 0.25)
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries. Data subject to change. Copyright (c) 008 Avago Technologies, Limited. All rights reserved. Obsoletes 5989-754EN AV0-17EN May 14, 008


▲Up To Search▲   

 
Price & Availability of MSA-0505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X